PART |
Description |
Maker |
ZXTP19060CFF ZXTP19060CFFTA |
60V, SOT23F, PNP medium power transistor
|
Diodes Incorporated
|
ZXTP25060BFHTA |
60V, SOT23, PNP medium power transistor
|
Diodes Incorporated
|
FCX591-15 |
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
|
Diodes Incorporated
|
ZXTP2012ASTZ |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 3500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
ZXTP2012ASTOA ZXTP2012ASTZ ZXTP2012A ZXTP2012A-15 |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
BD908 |
90.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 15.000A Ic, 5 hFE.
|
Continental Device India Limited
|
DXT2012P5 DXT2012P5-13 DXT2012P5-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 60V PNP MEDIUM POWER TRANSISTOR PowerDI?5
|
Diodes Incorporated
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
2SC5876_1 2SC5876 |
Medium power transistor (60V, 0.5A)
|
ROHM[Rohm]
|
2SA2089S |
Medium power transistor (-60V, -0.5A)
|
Rohm
|